PART |
Description |
Maker |
25.352.4353.0 25.350.4153.0 99.213.9996.2 25.352.3 |
Terminal Block; Mounting Type:PC Board; Terminal Block Clamp Type:Screw Clamp 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Strip; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes PCB PIN STRIP 8213 S / 12 W OB GR OF RoHS Compliant: Yes
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
21.305.0853.0 21.341.5653.0 21.305.1053.0 21.305.0 |
Terminal Block; No. of Positions:8; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; No. of Contacts:8 RoHS Compliant: Yes 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:10; Peak Reflow Compatible (260 C):No 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Number of Contacts:4 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:8 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:8; Peak Reflow Compatible (260 C):No 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Mounting Type:Panel RoHS Compliant: Yes 65 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Number of Contacts:10 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; No. of Positions:5; Pitch Spacing:14.5mm; Wire Size (AWG):6-22; Mounting Type:Panel; Color:Ivory 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.472"; Wire Size (AWG):22-12; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK 20 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
39351-0002 39351-0011 |
CONN TERM BLOCK 3.5MM 2POS R/A 10 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 3.5MM 11POS R/A 10 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
EM312320 EM312319 EM312310 EM312311 EM312312 EM312 |
Euro-Mag Terminal Blocks 3.50 Centers Modular 10 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
AIT0132113 AIT0132199 |
STRIP TERMINAL BLOCK
|
|
1688480000 1688440000 1688430000 1688450000 168849 |
STRIP TERMINAL BLOCK
|
Weidmuller, Corp.
|
AST0652213 AST0650205 |
STRIP TERMINAL BLOCK
|
|
38630-7803 38630-7802 38630-7808 38630-7810 38630- |
BEAU 63-5 3 WAY TB BEAU 63-5 2 WAY TB BEAU 63-5 8 WAY TB BEAU 63-5 5 WAY TB BEAU 63-5 12 WAY TB BEAU 63-5 10 WAY TB 3-5 10未来路结核病 438" PCB Barrier Terminal Strip,600V 438“板层端子排00 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 3-5 4路结核病 25 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc. MOLEX INC
|
21516-60 21308-58 21212-CB 21113-CB |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
72102-E 72814-C |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
|